-phase line filters fmlb-5 www.schurter.com/pg06_ emc products ac filter cost optimized standard- or medical-filter description - chassis: screw-on mounting, from top - line filter in standard and medical version, 1-stage, standard attenua - tion - quick connect terminals 6.3 x 0.8 mm - especially effective against symmetrical interferences in the frequency range from 10khz up to 30mhz approvals - vde license number: 40004673 - ul license number: e72928 characteristics - designed for universal industrial applications - high attenuation at maximum resp. asymmetric load independent from the line impedance protection against interference voltage from the mains possible interferences generated in the equipment are strongly attenu - ated - especially designed for industrial applications such as: frequency con - verters, stepper motor drives, ups-systems, inverters - qualified for use in equipment according iec/en 60950 other versions on request - version with wire connection references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 6 - 20 a @ ta 40 c / 250 vac; 50 hz ratings ul/csa 6 - 20 a @ ta 40 c / 125 vac; 60 hz leakage current standard < 0.35 ma (250 v / 60 hz) dielectric strength > 1.7 kvdc between l-n > 2.7 kvdc between l/n-pe test voltage (2 sec) allowable operation temp. -25 c to 100 c climatic category 25/100/21 acc. to iec 60068-1 protection class suitable for appliances with protection class 1 acc. to iec 61140 terminal quick connect terminals 6.3 x 0.8 mm material: housing alu. anodised line filter standard and medical version, iec 60939, iec 60601-1, ul 1283, ul 544, en 133 200, csa c22.2 no. 8 technical detail s mtbf > 200'000 h acc. to mil-hb-217 f
-phase line filters fmlb-5 www.schurter.com/pg06_ emc products dimensions case 49 75 0.3 91 max. 66 max. 51 max. (20) 6.3x0.8 (3.5) 32 max. (12) (27) 5.3 1) 2) 1) line 2) load diagrams standard version 1) 2) 1) line 2) load attenuation loss - - - - differential mode _____ common mode tandard version 6 a 10 a 16 a 20 a medical version (m5) 6 a 10 a 16 a 20 a
-phase line filters fmlb-5 www.schurter.com/pg06_ emc products variants rated current [a] filter-type l [mh] cx (x ) [f] cy (y ) [nf] weight [g] housing order number 6 standard version 2 x 14 0.1 3.3 212 49 5500.2035 10 standard version 2 x 5 0.1 3.3 212 49 5500.2036 16 standard version 2 x 2 0.1 3.3 208 49 5500.2037 20 standard version 2 x 1.5 0.1 3.3 218 49 5500.2038 6 medical version (m5) 2 x 14 0.1 - 212 49 5500.2082 10 medical version (m5) 2 x 5 0.1 - 212 49 5500.2083 16 medical version (m5) 2 x 2 0.1 - 208 49 5500.2084 20 medical version (m5) 2 x 1.5 0.1 - 218 49 5500.2085 packaging unit 10 pcs the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.
|